Part Number Hot Search : 
TM02129 Y100E HS2262 SOT23 365S8GE 8F320 FQT1N80 08010
Product Description
Full Text Search
 

To Download BAT54SLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Dual Series Schottky Barrier Diodes
These Schottky barrier diodes are designed for high speed switching applications, circuit protection, and voltage clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount package is excellent for hand held and portable applications where space is limited. * Extremely Fast Switching Speed * Low Forward Voltage -- 0.35 Volts (Typ) @ I F = 10 mAdc
BAT54SLT1
30 VOLTS DUAL HOT-CARRIER DETECTOR AND SWITCHING DIODES
3
1 2
CASE 318, STYLE 11 SOT-23 (TO-236AB)
ORDERING INFORMATION
Device BAT54SLT1 Package SOT-23 Shipping 3000/Tape & Reel
ANODE 1 3
CATHODE 2
Preferred: devices are recommended choices for future use and best overall value.
CATHODE/ANODE
DEVICE MARKING
BAT54LT1 = LD3
MAXIMUM RATINGS (T J = 125C unless otherwise noted)
Rating Reverse Voltage Forward Power Dissipation @ T A = 25C Derate above 25C Forward Current(DC) Junction Temperature Storage Temperature Range Symbol VR PF Value 30 225 1.8 200Max 125Max -55 to +150 Unit Volts mW mW/C mA C C
IF TJ T stg
ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted)
Characteristic Reverse Breakdown Voltage (I R = 10 A) Total Capacitance (V R = 1.0 V, f = 1.0 MHz) Reverse Leakage (V R = 25 V) Forward Voltage (I F = 0.1 mAdc) Forward Voltage (I F = 30 mAdc) Forward Voltage (I F = 100 mAdc) Reverse Recovery Time (I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc, Figure 1) Forward Voltage (I F = 1.0 mAdc) Forward Voltage (I F = 10 mAdc) Forward Current (DC) Repetitive Peak Forward Current Non-Repetitive Peak Forward Current (t < 1.0 s) Symbol V(BR)R CT IR VF VF VF trr VF VF IF IFRM IFSM Min 30 -- -- -- -- -- -- -- -- -- -- -- Typ -- 7.6 0.5 0.22 0.41 0.52 -- 0.29 0.35 -- -- -- Max -- 10 2.0 0.24 0.5 0.8 5.0 0.32 0.40 200 300 600 Unit Volts pF Adc Vdc Vdc Vdc ns Vdc Vdc mAdc mAdc mAdc
BAT54SLT1-1/2
LESHAN RADIO COMPANY, LTD.
BAT54SLT1
+10 V 820 2.0 k 0.1F tr tp 10% t IF t rr t
100 H
IF
0.1 F
50 OUTPUT PULSE GENERATOR
D.U.T.
50 INPUT SAMPLING OSCILLOSCOPE
90% V R INPUT SIGNAL IR
i
R(REC)
= 1.0 mA
OUTPUT PULSE (I F = I R = 10 mA; MEASURED at i R(REC) = 1.0 mA)
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (I F ) of 10mA. Notes: 2. Input pulse is adjusted so I R(peak) is equal to 10mA. Notes: 3. t p t rr
Figure 1. Recovery Time Equivalent Test Circuit
100
1000
T A = 150C
IR , REVERSE CURRENT (A) IF , FORWARD CURRENT (mA)
100
10
150C
T A = 125C
10
1.0
125C
1.0
T A = 85C
0.1
85C
25C
- 40C
-55C
0.01
T A = 25C
0.001 0 5 10 15 20 25 30
0.1 0 0.1 0.2 0.3 0.4 0.5 0.6
VF , FORWARD VOLTAGE (VOLTS)
VR , REVERSE VOLTAGE (VOLTS)
Figure 2. Forward Voltage
Figure 3. Leakage Current
14 12
CT TOTAL CAPACITANCE (pF)
10 8 6 4 2 0 0 5 10 15 20 25 30
VR , REVERSE VOLTAGE (VOLTS)
Figure 4. Total Capacitance
BAT54SLT1-2/2


▲Up To Search▲   

 
Price & Availability of BAT54SLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X